PART |
Description |
Maker |
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
SSM3J01T |
Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
Toshiba Semiconductor
|
SSM5P05FU |
Field Effect Transistor Silicon P Channel MOS Type Power Management Switch High Speed Switching Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
|
Toshiba Semiconductor
|
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PHB55N03LTA PHD55N03LTA PHP55N03LTA |
N-channel enhancement mode field-effect transistor 55 A, 25 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-channel enhancement mode field-effect transistor 55 A, 25 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PHP73N06T PHB73N06T |
N-channel enhancement mode field-effect transistor 73 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
H02N65 |
N-Channel Power Field Effect Transistor
|
Hi-Sincerity Mocroelectronics
|
NDB7051 |
N-Channel Enhancement Mode Field Effect Transistor 70 A, 50 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
NDB710A NDB710BE NDB710AE NDB710B NDP710BE NDB410A |
N-Channel Enhancement Mode Field Effect Transistor 40 A, 100 V, 0.042 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NDB6020PNL |
P-Channel Logic Level Enhancement Mode Field Effect Transistor 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
|